Part Number Hot Search : 
LDO514 5887123 E005759 27AFCT F2002 Z5238B C1CH5 UPA1758
Product Description
Full Text Search
 

To Download ACE111725XMH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
ACE1117
Technology Description
1A Positive Voltage Regulators
ACE1117 series of high performance low dropout voltage regulators are designed for applications that require efficient conversion and fast transient response. In addition, ACE1117 is designed to be stable under conditions where Cin and Cout are not present. However, it is recommended to include Cin and Cout in the system design as this will speed up the transient response and increase the PSRR rating.
Features
Low Dropout Performance. Low Quiescent Current: 3mA (Typ.) Guaranteed 1A Output Current. Wide input Supply Voltage Range. Stable operation without Cin and Cout. Over-temperature and Over-current Protection Fixed or Adjustable Output Voltage. Rugged 2KV ESD withstand capability. Available in SOT-223 and TO-252 Packages. RoHS Compliant and 100% Lead (Pb)-Free
Application
Active SCSI Terminators High Efficiency Linear Regulators 5V to 3.3V Linear Regulators Motherboard Clock Supplies
Absolute Maximum Ratings
Parameter Input voltage Junction temperature Thermal Resistance Junction to Ambient Storage temperature Symbol VIN TJ JA TS Max Unit 9 V O -40 to 130 C O 60 C/W - 40 to 150 OC
Packaging Type
SOT-223 TO-252 Pin 1 2
1 2 3
Symbol ADJ/GND Vout Vin
1
2
3
3
VER 1.3
1

ACE1117
Technology Ordering information
Selection Guide ACE1117 XX XX + H Halogen - free Pb - free XM : SOT-223 YM : TO-252
1A Positive Voltage Regulators
Output Voltage : 1.5 / 1.8V / 2.5V / 3.3V..... 5.0V / Default: Adjustable Version
Electrical Characteristics
VIN.MAX8V, VIN.MAX-VOUT=1.5V, IOUT=10mA, CIN=10uF, COUT=22uF, TA=25, unless otherwise specified.
Parameter
Symbol
Test Conditions
ACE1117-15 ACE1117-18 ACE1117-25 ACE1117-33 ACE1117-50 (VIN-VOUT)=1.5V IOUT=10mA VOUT+1.5VMin
1.470 1.764 2.450 3.234 4.900 (-2%)
Typ
1.5 1.8 2.5 3.3 5.0 1.250 0.3 0.5 3 65
Mum
1.530 1.836 2.550 3.366 5.100 (+2%)
Unit
Output Voltage (1)
VO
V
Reference Voltage (1) (ADJ. Voltage Version) Line Regulation (1) Load Regulation
(1)
VREF VSR VLR IQ IADJ IADJ VD IO ICL TC OTP VN RA
V % % mA uA uA V mA A %/ %VO dB
Quiescent Current (2) Adjust Pin Current Adjust Pin Current Change Dropout Voltage (3) Minimum Load Current Current Limit Temperature Coefficient Thermal Protection RMS Output Noise Ripple Rejection Ratio
VOUT+1.5V14 1.3 0.4 1.8 0.07 175
TA=25, 10Hzf100kHz f=120Hz, COUT=22uF (Tantalum), (VIN-VOUT)=3V, IOUT=10mA
0.003 55
VER 1.3
2

ACE1117
Technology
Note1: Low duty cycle pulse testing with which TJ remains unchanged. 2: The IQ of ACE1117-1.5 is 1.2mA (Typ.)
1A Positive Voltage Regulators
3: The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input
Typical Application
Adjustable Voltage Regulator
Vin>=3.0V Vin
ACE1117 Vout ADJ R1 124ohm
Vout=1.5V
Cin 10uF
Cout 22uF
R2 24.9ohm
VOUT=VREF * (1+R2/R1)+IADJ * R2
ACE1117-3.3
Fixed Voltage Regulator
Application Hints
The typical Linear regulator would require external capacitors to ensure stability. However, ACE1117 is designed in such a way that these external capacitor can be omitted if the PCB layout is tight and system noise is not very high. For better transient and PSRR performance, the Input and Output capacitors are still recommended.
Input Capacitor
An input capacitor of 10F is recommended. Ceramic or Tantalum can be used. The value can be increased without upper limit.
VER 1.3 3

ACE1117
Technology Output Capacitor
1A Positive Voltage Regulators
An output capacitor of 22uF is recommended for better transient and PSRR performance. It should be placed no more than 1 cm away from the VOUT pin, and connected directly between VOUT and GND pins. The value may be increased without upper limit.
Thermal Considerations
It is important that the thermal limit of the package is not exceeded. The ACE1117 has built-in thermal protection. When the thermal limit is exceeded, the IC will enter protection, and VOUT will be pulled to ground. The power dissipation for a given application can be calculated as following: The power dissipation (PD) is PD = IOUT * [VIN - VOUT] The thermal limit of the package is then limited to PD(MAX) = [TJ - TA]/JA where TJ is the junction temperature, TA is the ambient temperature, and JA is around 180C/W for ACE1117. ACE1117 is designed to enter thermal protection at 175C. For example, if TA is 25C then the maximum PD is limited to about 0.83W. In other words, if IOUT(MAX) = 500mA, then [VIN - VOUT] can not exceed 1.66V. (Ref. SOT-223 without heat sink.)
Typical Performance Characteristic
Reference Voltage vs Junction Temperature Output Voltage vs Junction Temperature
Junction Temperature ()
Junction Temperature ()
VER 1.3
4

ACE1117
Technology
Dropout Voltage vs Output Current
1A Positive Voltage Regulators
PSRR vs Frequency
Output Current (mA)
Frequency (Hz)
Liine Transients
Load Transients
Short Transient Response
VER 1.3
5

ACE1117
Technology Packing Information
SOT-223
1A Positive Voltage Regulators
VER 1.3
6

ACE1117
Technology Packing Information
TO-252
1A Positive Voltage Regulators
VER 1.3
7

ACE1117
Technology
1A Positive Voltage Regulators
Notes ACE does not assume any responsibility for use as critical components in life support devices or systems without the express written approval of the president and general counsel of ACE Electronics Co., LTD. As sued herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and shoes failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ACE Technology Co., LTD. http://www.ace-ele.com/
VER 1.3
8


▲Up To Search▲   

 
Price & Availability of ACE111725XMH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X